PART |
Description |
Maker |
LT3029MPMSE LT3029IDE LT3029IDEPBF LT3029IDETR LT3 |
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
|
Linear Technology
|
CS8140 CS8140YDW24 CS8140YDWR24 CS8140YN14 CS8140Y |
5V/ 500mA Linear Regulator with ENABLE/ / and Watchdog RESET Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
|
ZF Electronics Corporation CHERRY[Cherry Semiconductor Corporation]
|
SGM3127 |
LowDropout CurrentSource
|
Shengbang Microelectron...
|
SE5119 |
500mA CMOS LDO Linear Regulator
|
Seaward Electronics Inc.
|
ACE4054C |
500mA/1.5A Standalone Linear Li-Ion Battery Charge
|
ACE Technology Co., LTD...
|
APL5523KC-TRG |
Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
|
Anpec Electronics Corop...
|
IL233-5.0 IL233-2.85 IL233-3.3 |
500mA Low Dropout Linear Voltage Regulator
|
IK Semicon Co., Ltd
|
AIC1723 AIC1723-33CE AIC1723-33CET AIC1723-33CF AI |
500mA Low Dropout Linear Regulator 500mA的低压差线性稳压器
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
G9612CTEU G9612ATEU G9612DTEU |
3.3 V, 500mA low-dropout linear regulator with reset 3.4 V, 500mA low-dropout linear regulator with reset 2.5 V, 500mA low-dropout linear regulator with reset
|
Global Mixed-mode Technology
|
948-ISY-2D-002-180E |
POSITION, LINEAR SENSOR-ULTRASONIC, 1100mm, 500mA, RECTANGULAR
|
HONEYWELL SENSING AND CONTROL
|